Part Number Hot Search : 
XC3042A 2SC1653 M5231 PCA5097 HD74S157 AMS431AS S32253 150FC
Product Description
Full Text Search
 

To Download P4KE68APT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 400 VOLTS 400 WATTS PEAK POWER 1.0 WATT STEADY STATE
FEATURES
Plastic package 400W surge capability at 1ms Glass passivated chip junction in DO-41 Package Excellent clamping capability Low Zener lmpedance Fast response time: typically less than 1.0ps from 0 volts to BV min. * Typical IR less than 1 uA above 10V * High temperature soldering guaranteed: 300 degree C/10seconds/.375"(9.5mm) lead length/51 bs., (2.3k) tension * * * * * *
P4KE SERIES
DO-41
0.034(0.9) DIA. 0.028(0.7) 1.0(25.4) MIN.
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.3 gram
0.205(5.2) 0.166(4.2) 0.107(2.7) DIA. 0.080(2.0)
1.0(25.4) MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
DO-41
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For Bidirectional use C or CA Suffix for types P4KE6.8 thru types P4KE400 Electrical characteristics apply in both directions.
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS SYMBOL VALUE UNITS
Peak Power Dissipation at TA = 25oC, Tp = 1ms ( Note1 )
PPK
Minimum 400
Watts
Steady State Power Dissipation at TL = 75oC Lead Lengths .375" (9.5mm) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load ( Note 2 )
PD
1.0
Watts
IFSM
40
Amps
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
o
C
NOTES : 1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25oC per Fig. 2. 2. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
2001-6
Breakdown Voltage PRODUCT NO. VBR Volts ( NOTE 1 ) MIN. P4KE6.8PT P4KE6.8APT P4KE7.5PT P4KE7.5APT P4KE8.2PT P4KE8.2APT P4KE9.1PT P4KE9.1APT P4KE10PT P4KE10APT P4KE11PT P4KE11APT P4KE12PT P4KE12APT P4KE13PT P4KE13APT P4KE15PT P4KE15APT P4KE16PT P4KE16APT P4KE18PT P4KE18APT P4KE20PT P4KE20APT P4KE22PT P4KE22APT P4KE24PT P4KE24APT P4KE27PT P4KE27APT P4KE30PT P4KE30APT P4KE33PT P4KE33APT P4KE36PT P4KE36APT P4KE39PT P4KE39APT P4KE43PT P4KE43APT P4KE47PT P4KE47APT P4KE51PT P4KE51APT P4KE56PT 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.0 9.5 9.9 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 MAX. 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
@ IT ( mA )
Working Peak Reverse Voltage
Maximum Reverse Leakage at Vrwm
Maximum Reverse Current ( NOTE 2 )
Maximum Reverse Voltage at Irsm ( clamping ) Vrsm ( V ) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5
Maximum Temperature Coefficient of Vbr
Vrwm ( V ) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4
Ir ( uA ) 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Irsm ( A ) 38 40 36 37 33 35 30 31 28 29 26 27 24 25 22 23 19 20 18 19 16 17 14 15 13 14 12 13 11 11.2 10 10 9 9 8 8.4 7.4 7.8 6.8 7.1 6.2 5.0 5.7 6.0 5.2
( %C ) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103
Breakdown Voltage PRODUCT NO. VBR Volts ( NOTE 1 ) MIN. P4KE56APT P4KE62PT P4KE62APT P4KE68PT P4KE68APT P4KE75PT P4KE75APT P4KE82PT P4KE82APT P4KE91PT P4KE91APT P4KE100PT P4KE100APT P4KE110PT P4KE110APT P4KE120PT P4KE120APT P4KE130PT P4KE130APT P4KE150PT P4KE150APT P4KE160PT P4KE160APT P4KE170PT P4KE170APT P4KE180PT P4KE180APT P4KE200PT P4KE200APT P4KE220PT P4KE220APT P4KE250PT P4KE250APT P4KE300PT P4KE300APT P4KE350PT P4KE350APT P4KE400PT P4KE400APT 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 225 237 270 285 315 332 360 380 MAX. 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 330 315 385 368 440 420 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
@ IT ( mA )
Working Peak Reverse Voltage
Maximum Reverse Leakage at Vrwm
Maximum Reverse Current ( NOTE 2 )
Maximum Reverse Voltage at Irsm ( clamping ) Vrsm ( V ) 77.0 89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548
Maximum Temperature Coefficient of Vbr
Vrwm ( V ) 47.8 50.2 53.0 55.1 58.0 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 284 300 324 342
Ir ( uA ) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Irsm ( A ) 5.5 4.7 5.0 4.3 4.6 3.9 4.1 3.6 3.7 3.2 3.4 2.9 3.1 2.7 2.8 2.4 2.5 2.2 2.3 2.0 2.0 1.8 1.9 1.7 1.8 1.6 1.7 1.5 1.53 1.16 1.22 1.11 1.16 0.93 0.97 0.79 0.83 0.70 0.73
( %C ) 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
NOTES : 1. Vbr measured after IT applied for 300 us. IT = Square Wave Pulse or equivalent. 2. Surge Current Waveform per Figure 3 and Derated per Figure 2. 3. Vf = 3.5 V max. at If= 25 A ( P4KE6.8 thru P4KE91A ) Vf = 5.0 V max. at If = 25 A ( P4KE100 thru P4KE400A ) on 1/2 Square or equivalent Sine Wave. PW = 8.3ms, Duty Cycle = 4 Pulses per minute maximum. 4. For Bipolar types having VR of 10 Volts and under, the IR limit is doubled.
RATING CHARACTERISTIC CURVES ( P4KE6.8PT ~ P4KE400APT )
FIG. 1 - PEAK PULSE POWER RATING CURVE PEAK PULSE POWER (PPP) OR CURRENT (IPP) DERATING IN PERCENTAGE,% FIG. 2 - PULSE DERATING CURVE
100
PPPM, PEAK PULSE POWER, KW
Non-Repetitive Pulse Waveform Shown in Fig.3 TA = 25 OC
100
10
75
50
1.0
25
0.1 0.1uS
1.0uS
10uS
100uS
1.0mS
10mS
0
0
25
50
75
100
125
150
175
200
TP, PULSE WIDTH, Sec
TA, AMBIENT TEMPERATURE,( OC)
FIG. 3 - PULSE WAVEFORM
150
tr = 10usec. Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of IPPM
100000
FIG. 4 - TYPICAL JUNCTION CAPACITANCE UNI-DIRECTIONAL
IPPM, PEAK PULSE CURRENT,%
CJ, CAPACITANCE, pF
100
Peak Value IPPM
10000
f = 1.0 MHz Vsig = 50mVp-p TJ = 25 OC Measured at Zero Bias
IPPM HALF VALUE 2 10/1000usec. Waveform as Defined by R.E.A.
50
1000
Measured at Devices Stand off Voltage,VWM
0
td
0
1.0
2.0
t, TIME,mS
3.0
4.0
10
1.0
10
100
200
V(BR), BREAKDOWN VOLTACE, VOLTS
RATING CHARACTERISTIC CURVES ( P4KE6.8PT ~ P4KE400APT )
FIG. 5 - STEADY STATE POWER DERATING CURVE 1.00 50 FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL
8.3ms Single Half Sine-Wave (JEDED Method) TJ = TJ max.
L = 0.375"(9.5mm)
PM(AV), STEADY STATE POWER DISSIATION, WATTS
Lead Lengths
60Hz Resistive or Inductive Load
0.75
IFSM, PEAK FORWARD SURGE CURRENT AMPERES 100 125 150 175 200
40 30 20 10
0.50
1.6X1.6X.040" (40X40X1mm) Copper Heat Sinks
0.25
0 0
25
50
75
0 1
10 NUMBER OF CYCLES AT 60 Hz
100
TL, LEAD TEMPERATURE ( OC)
FIG. 7 -TYPICAL REVERSE LEAKAGE CHARACTERISTICS 100 IR, INSTANTANEOUS REVERSE LEAKAGE CHRRENT, MICROAMPERES
10
Measured at Devices Stand-off Voltage, VWM
1
0.1
TJ = 25 OC
0.01 0 100 200 300 400 600
V(BR) BREAKDOWN VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of P4KE68APT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X